Part Number Hot Search : 
C3506 04030 PQ12RA11 HIP6601 2SK1277 HN3C13F TBP204G AD598JR
Product Description
Full Text Search
 

To Download LANH503N Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 LAN H Series
SIP or DIP Package Single and Dual Output 1 Watt DC/DC Converter
FEATURES
1000VDC I/O Isolation Miniature Package Size Single and Dual Outputs Up to 1 Watt Output Power Input 5, 12, 15, 24, and 48VDC Industrial Grade ("I" option): -40C to +85C
SPECIFICATIONS: LAN H Series
All specifications apply @ 25C ambient unless otherwise noted
INPUT SPECIFICATIONS
Input Voltage Range ................................................... 10% Nominal Input Voltages.............. 5, 12, 15, 24, and 48 VDC
GENERAL SPECIFICATIONS
Efficiency (at full load) ............................................. 70% typ. Switching Frequency .......................................... 20KHz min. Isolation Voltage (Input to Output) ........................ 1000VDC Isolation Resistance ............................. 1000M @ 500VDC
OUTPUT SPECIFICATIONS
Output Voltage .......................................................see table Voltage Tolerance......................................................... 5% Output Current .......................................................see table Output Power .................................................... 1 Watt max. Line Regulation (10% to 100% load) .........1.3% / % of Vin Load Regulation (10% to 100% load) 5V output .......................................................... 15% max 9V, 12V, and 15V outputs ................................ 10% max Ripple/Noise (20MHz BW)..........................100mVp-p max.
ENVIRONMENTAL SPECIFICATIONS
Operating Temperature................................ -25C ~ +70C) "I" suffix ............................... -40C ~ +85C (see note 1) Storage Temperature .................................. -40C ~ +105C Cooling ................................................... Free air convection
PHYSICAL SPECIFICATIONS
Dimensions
Single Outputs .................. 0.45(L) x 0.24(W) x 0.39(H) inches Dual Outputs..................... 0.50(L) x 0.50(W) x 0.37(H) inches
Case Material ......................... Non-Conductive black plastic
Due to advances in technology, specifications subject to change without notice
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
LAN H Series
SIP or DIP Package Single and Dual Output 1 Watt DC/DC Converter
OUTPUT VOLTAGE / CURRENT RATING CHART
Model Number LANH503N LANH505N LANH509N LANH512N LANH515N LANH505ND LANH509ND LANH512ND LANH524ND LANH1205N LANH1209N LANH1212N LANH1215N LANH1203ND LANH1205ND LANH1209ND LANH1212ND LANH1224ND LANH1505N LANH1509N LANH1512N LANH1515N LANH1503ND LANH1505ND LANH1509ND LANH1512ND LANH1524ND LANH2405N LANH2409N LANH2412N LANH2415N LANH2403ND LANH2405ND LANH2409ND LANH2412ND LANH2424ND LANH4805N LANH4809N LANH4812N LANH4815N LANH4805ND LANH4809ND LANH4812ND LANH4824ND Input Voltage Output Voltage 3.3VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 24 VDC 5 VDC 9 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 9 VDC 12 VDC 24 VDC 5 VDC 9 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 9 VDC 12 VDC 24 VDC 5 VDC 9 VDC 12 VDC 15 VDC 3.3 VDC 5 VDC 9 VDC 12 VDC 24 VDC 5 VDC 9 VDC 12 VDC 15 VDC 5 VDC 9 VDC 12 VDC 24 VDC Output Current 303mA 200mA 110mA 84mA 67mA 100mA 56mA 42mA 34mA 200mA 110mA 84mA 67mA 154mA 100mA 56mA 42mA 34mA 200mA 110mA 84mA 67mA 154mA 100mA 56mA 42mA 34mA 200mA 110mA 84mA 67mA 154mA 100mA 56mA 42mA 34mA 200mA 110mA 84mA 67mA 100mA 56mA 42mA 34mA Efficiency (Typ.) 70% 75% 75% 75% 75% 75% 75% 75% 70% 75% 75% 75% 75% 70% 75% 75% 75% 70% 75% 75% 75% 75% 70% 75% 75% 75% 70% 75% 75% 75% 75% 70% 75% 75% 75% 70% 75% 75% 75% 75% 75% 75% 75% 70%
5 VDC
12 VDC
15 VDC
24 VDC
48 VDC
NOTES
1. For industrial grade operating temperature of -40C to +85C add suffix "I" to the part number (no derating to 85C). 2. All case and pin-to-case dimensions reference only unless otherwise noted. 3. The LAN H Series is housed in an industry standard four pin SIP package for single output models and five pin DIP package for dual output models.
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
LAN H Series
SIP or DIP Package Single and Dual Output 1 Watt DC/DC Converter
MECHANICAL DRAWING
SINGLE OUTPUT
PIN CONNECTION PIN SINGLE 1 -Vin 2 +Vin 3 -Vout 4 +Vout
Unit: inches (mm)
DUAL OUTPUT
PIN CONNECTION PIN DUAL 1 -Vin 2 +Vin 3 -Vout 4 Common 5 +Vout
Unit: inches (mm)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797
LAN H Series
SIP or DIP Package Single and Dual Output 1 Watt DC/DC Converter
DERATING CURVE LANH1212NI (INDUSTRIAL GRADE) DERATING CURVE
100 90 80
"I" suffix
Output Power (%)
70 60 50 40 30 20 10 0 -40 -30 -20 -10 0 10 20 30 40 50 60 70 80 85 100 110
Case Surface Temperature (C)
Wall Industries, Inc. 5 Watson Brook Road Exeter, NH 03833 603-778-2300 www.wallindustries.com Fax 603-778-9797


▲Up To Search▲   

 
Price & Availability of LANH503N

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X